PART |
Description |
Maker |
SSC1118 |
1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
MC78T05ABT MC78T15ACT MC78T05CD2TR4 MC78T00 MC78T1 |
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 5 V FIXED POSITIVE REGULATOR, PSSO2 Replaced by PTH05030W,PTH05T210W : 1.3 TO 3.5VOUT 32AMP 5V-INPUT 'SLEDGE HAMMER' PROGRAMMABLE ISR 27-SIP MODULE MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-22 INSERT ARRANGEMENT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. ON Semiconductor
|
IP3R18AV-05 IP3R18AV-12 IP3R18AV-15 IP3R18V-15 IP1 |
5 AMP POSITIVE VOLTAGE REGULATORS Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSFM3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 CAT5E PATCH CABLE 350MHZ, ST-PIN, USOC-BGE 12 V FIXED POSITIVE REGULATOR, MBFM2 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSFM3 Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBFM2 13W3 MALE-4BNC, MALE ADAPTER C
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Vishay Intertechnology, Inc. SEMELAB LTD
|
LM7800-SMD LM7800-220M LM7812-220M-QR-B LM7805AA-2 |
POSITIVE VOLTAGE REGULATOR TO 220 M THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS positive vlotage regulator 正电压稳压器 15 V FIXED POSITIVE REGULATOR, PSFM3 24 V FIXED POSITIVE REGULATOR, CBCC3 12 V FIXED POSITIVE REGULATOR, PSFM3
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. SEMELAB LTD
|
APL111728FC-TRG APL111728VC-TRG APL111750VC-TRL AP |
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 GREEN, PLASTIC, TO-261AA, SOT-223, 4 PIN 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, SFM3 GREEN, TO-220AB, 3 PIN 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Anpec Electronics Coropration ANPEC ELECTRONICS CORP Anpec Electronics, Corp. Anpec Electronics Corop...
|
IP7805A IP7805SMD IP7812 IP7812A LM140 LM140K-12 L |
1 AMP POSITIVE VOLTAGE REGULATOR 1.5A, 15V Positive Voltage Regulator 1 AMP Positive Voltage Regulator(1.5 A ,5V绋冲??? 1 AMP Positive Voltage Regulator(1.5 A ,15V稳压 1 AMP positive vlotage regulators 1 AMP Positive Voltage Regulators Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 电压调节 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 1AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, MSFM3 1 AMP Positive Voltage Regulator(1.5 A ,12V绋冲??? 1.5A, 5V Positive Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd. TE Connectivity, Ltd. Semtech, Corp. Analog Integrations, Corp. Amphenol, Corp. SEMELAB LTD
|
SP6200ER-L-1.5 SP6200EM5-L-1.5 SP6200ER-L-1.5/TR S |
1.5 V FIXED POSITIVE LDO REGULATOR, DSO8 2 X 3 MM, LEAD FREE, MO-229CVCED-2, DFN-8 1.5 V FIXED POSITIVE LDO REGULATOR, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN 2.7 V-6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 2.85 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5
|
Exar, Corp. Stackpole Electronics, Inc. EXAR CORP
|
L4931CZ25 L4931CV12 L4931CV120 L4931CV15 L4931CV25 |
5.2 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PSFM3 VERY LOW DROP VOLTAGE REGULATOR WITH INHIBIT GT 25C 25#16 SKT RECP WALL RM 极低降稳压器与抑制研 VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT 极低降稳压器与抑制研 8 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PBCY3 12 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO8 4 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO8 4.7 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO8 4.5 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO8
|
??????浣? ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http:// 意法半导 STMicroelectronics N.V.
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
GS1117CT-3.3 GS1117CM-2.85 GS1117CE-2.85 VISHAYSEM |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 IC VREG 2.85 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-252, DPAK-3, Fixed Positive Single Output LDO Regulator IC VREG 5 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator
|
VISHAY SEMICONDUCTORS
|
|